Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 167Page - Renesas Technology Corp SH7713 Datasheet HTML 168Page - Renesas Technology Corp SH7713 Datasheet HTML 169Page - Renesas Technology Corp SH7713 Datasheet HTML 170Page - Renesas Technology Corp SH7713 Datasheet HTML 171Page - Renesas Technology Corp SH7713 Datasheet HTML 172Page - Renesas Technology Corp SH7713 Datasheet HTML 173Page - Renesas Technology Corp SH7713 Datasheet HTML 174Page - Renesas Technology Corp SH7713 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 904 page
background image
Section 3 DSP Operating Unit
Rev.1.50 Aug. 30, 2006 Page 131 of 860
REJ09B0288-0150
Logical Shift: Figure 3.18 shows the logical shift operation flow.
39
32 31
16 15
0
Sy
39
32 31
16 15
0
Shift out
Shift out
0
0
Cleared to 0
Ignored
Left shift
Right shift
39
32 31
22 21 16
Imm2
50
15
0
Shift amount data
(source 2)
> = 0
< 0
+16- -16
DSR
GT
Z
N
V
DC
Updated
Figure 3.18 Logical Shift Operation Flow
As shown in figure 3.18, the logical shift operation uses the upper word of the source 1 operand
and the destination operand. The lower word and guard-bit parts are ignored for the source
operand and those of the destination operand are automatically cleared as in the ALU logical
operations. The shift amount is specified by the source 2 operand as an integer data. The source 2
operand can be specified by either the register or immediate operand. The available shift range is
from –16 to +16. Here, a negative value means the right shift, and a positive value means the left
shift. It is possible for any source 2 operand to specify from –32 to +31, but the result is unknown
if an invalid shift value is specified. In case of a shift with an immediate operand instruction, the
source 1 operand must be the same register as the destination's. These operations are executed in
the DSP stage, as shown in figure 3.10. The DSP stage is the same stage as the MA stage in which
memory access is performed.
Every time a logical shift operation is executed, the DC, N, Z, V, and GT bits in DSR are basically
updated in accordance with the operation result. In case of a conditional operation, they are not
updated even though the specified condition is true and the operation is executed. In case of an
unconditional operation, they are always updated in accordance with the operation result. The
definition of the DC bit is selected by the CS[2:0] (condition selection) bits in DSR. The DC bit
result is:
1. Carry or Borrow Mode: CS[2:0] = 000
The DC bit indicates the last shifted out data as the operation result.
2. Negative Value Mode: CS[2:0] = 001
Bit 31 of the operation result is loaded into the DC bit.
3. Zero Value Mode: CS[2:0] = 010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com