Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 400 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 396Page - Renesas Technology Corp SH7721 Datasheet HTML 397Page - Renesas Technology Corp SH7721 Datasheet HTML 398Page - Renesas Technology Corp SH7721 Datasheet HTML 399Page - Renesas Technology Corp SH7721 Datasheet HTML 400Page - Renesas Technology Corp SH7721 Datasheet HTML 401Page - Renesas Technology Corp SH7721 Datasheet HTML 402Page - Renesas Technology Corp SH7721 Datasheet HTML 403Page - Renesas Technology Corp SH7721 Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 338 of 1458
REJ09B0033-0300
There is no access size specification when reading. The correct access start address is output in the
least significant bit of the address, but since there is no access size specification, 32 bits are always
read in case of a 32-bit device, and 16 bits in case of a 16-bit device. When writing, only the
WEn
(
BEn) signal for the byte to be written is asserted.
It is necessary to output the data that has been read using
RD when a buffer is established in the
data bus. The RD/
WR signal is in a read state (high output) when no access has been carried out.
Therefore, care must be taken when controlling the external data buffer, to avoid collision.
Figures 9.4 and 9.5 show the basic timings of normal space accesses. If the WM bit of the
CSnWCR is cleared to 0, a Tnop cycle is inserted to evaluate the external wait (figure 9.4). If the
WM bit of the CSnWCR is set to 1, external waits are ignored and no Tnop cycle is inserted
(figure 9.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com