Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 401Page - Renesas Technology Corp SH7721 Datasheet HTML 402Page - Renesas Technology Corp SH7721 Datasheet HTML 403Page - Renesas Technology Corp SH7721 Datasheet HTML 404Page - Renesas Technology Corp SH7721 Datasheet HTML 405Page - Renesas Technology Corp SH7721 Datasheet HTML 406Page - Renesas Technology Corp SH7721 Datasheet HTML 407Page - Renesas Technology Corp SH7721 Datasheet HTML 408Page - Renesas Technology Corp SH7721 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 343 of 1458
REJ09B0033-0300
9.5.3
Access Wait Control
Wait cycle insertion on a normal space access can be controlled by the settings of bits WR3 to
WR0 in CSnWCR. It is possible for areas 4, 5A, and 5B to insert wait cycles independently in
read access and in write access. The areas other than 4, 5A, and 5B have common access wait for
read cycle and write cycle. The specified number of Tw cycles is inserted as wait cycles in a
normal space access shown in figure 9.9.
T1
CKIO
A25 to A0
CSn
RD/
WR
RD
D31 to D0
D31 to D0
WEn(BEn)
BS
Tw
Read
Write
T2
DACKn*
Note: * The waveform for DACKn is when active low is specified.
Figure 9.9
Wait Timing for Normal Space Access (Software Wait Only)
When the WM bit in CSnWCR is cleared to 0, the external wait input
WAIT signal is also
sampled.
WAIT pin sampling is shown in figure 9.10. A 2-cycle wait is specified as a software
wait. The
WAIT signal is sampled on the falling edge of CKIO at the transition from the T1 or Tw
cycle to the T2 cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com