Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 403Page - Renesas Technology Corp SH7721 Datasheet HTML 404Page - Renesas Technology Corp SH7721 Datasheet HTML 405Page - Renesas Technology Corp SH7721 Datasheet HTML 406Page - Renesas Technology Corp SH7721 Datasheet HTML 407Page - Renesas Technology Corp SH7721 Datasheet HTML 408Page - Renesas Technology Corp SH7721 Datasheet HTML 409Page - Renesas Technology Corp SH7721 Datasheet HTML 410Page - Renesas Technology Corp SH7721 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 345 of 1458
REJ09B0033-0300
9.5.4
CSn Assert Period Expansion
The number of cycles from
CSn assertion to RD and WEn (BEn) assertion can be specified by
setting bits SW1 and SW0 in CSnWCR. The number of cycles from
RD and WEn (BEn) negation
to
CSn negation can be specified by setting bits HW1 and HW0. Therefore, a flexible interface to
an external device can be obtained. Figure 9.11 shows an example. A Th cycle and a Tf cycle are
added before and after an ordinary cycle, respectively. In these cycles,
RD and WEn (BEn) are not
asserted, while other signals are asserted. The data output is prolonged to the Tf cycle, and this
prolongation is useful for devices with slow writing operations.
T1
CKIO
A25 to A0
CSn
RD/
WR
RD
D31 to D0
D31 to D0
WEn(BEn)
BS
Th
Read
Write
T2
DACKn*
Tf
Note: * The waveform for DACKn is when active low is specified.
Figure 9.11
CSn Assert Period Expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com