Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 406Page - Renesas Technology Corp SH7721 Datasheet HTML 407Page - Renesas Technology Corp SH7721 Datasheet HTML 408Page - Renesas Technology Corp SH7721 Datasheet HTML 409Page - Renesas Technology Corp SH7721 Datasheet HTML 410Page - Renesas Technology Corp SH7721 Datasheet HTML 411Page - Renesas Technology Corp SH7721 Datasheet HTML 412Page - Renesas Technology Corp SH7721 Datasheet HTML 413Page - Renesas Technology Corp SH7721 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 348 of 1458
REJ09B0033-0300
A14
A1
CKE
CKIO
CSn
RAS
CAS
RD/
WR
D15
D0
DQMLU
DQMLL
64-Mbit SDRAM
(1M x 16 bits x 4 banks)
A13
A0
CKE
CLK
CS
RAS
CAS
WE
I/O15
I/O0
DQMU
DQML
This LSI
Figure 9.13
Example of 16-Bit Data-Width SDRAM Connection
(2)
Address Multiplexing
An address multiplexing is specified so that SDRAM can be connected without external
multiplexing circuitry according to the setting of bits BSZ[1:0]in CSnBCR, AxROW[1:0] and
AxCOL[1:0] in SDCR. Tables 9.12 to 9.17 show the relationship between the settings of bits
BSZ[1:0], AxROW[1:0], and AxCOL[1:0] and the bits output at the address pins. Do not specify
those bits in the manner other than this table, otherwise the operation of this LSI is not guaranteed.
A25 to A18 are not multiplexed and the original values of address are always output at these pins.
When the data bus width is 16 bits (BSZ[1:0] =B'10), A0 of SDRAM specifies a word address.
Therefore, connect this A0 pin of SDRAM to the A1 pin of the LSI; the A1 pin of SDRAM to the
A2 pin of the LSI, and so on. When the data bus width is 32 bits (BSZ[1:0] =B'11), the A0 pin of
SDRAM specifies a longword address. Therefore, connect this A0 pin of SDRAM to the A2 pin of
the LSI; the A1 pin of SDRAM to the A3 pin of the LSI, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com