Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 445Page - Renesas Technology Corp SH7721 Datasheet HTML 446Page - Renesas Technology Corp SH7721 Datasheet HTML 447Page - Renesas Technology Corp SH7721 Datasheet HTML 448Page - Renesas Technology Corp SH7721 Datasheet HTML 449Page - Renesas Technology Corp SH7721 Datasheet HTML 450Page - Renesas Technology Corp SH7721 Datasheet HTML 451Page - Renesas Technology Corp SH7721 Datasheet HTML 452Page - Renesas Technology Corp SH7721 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 387 of 1458
REJ09B0033-0300
CKIO
Address
RD
Data
DACK
WAIT
CS
T1
Tw
Tw
TB2
Twb
TB2
Twb
TB2
Twb
T2
RD/
WR
BS
Figure 9.31
Burst ROM (Clock Asynchronous) Access (Bus Width = 32 Bits,
16-byte Transfer (Number of Bursts = 4), Access Wait for First Time = 2,
Access Wait for 2nd Time and after = 1)
9.5.7
Byte-Selection SRAM Interface
The byte-selection SRAM interface is for access to an SRAM which has a byte-selection pin
(
WEn (BEn)). This interface has 16-bit data pins and accesses SRAMs having upper and lower
byte selection pins, such as UB and LB.
When the BAS bit in CSnWCR is cleared to 0 (initial value), the write access timing of the byte-
selection SRAM interface is the same as that for the normal space interface. While in read access
of a byte-selection SRAM interface, the byte-selection signal is output from the
WEn (BEn) pin,
which is different from that for the normal space interface. The basic access timing is shown in
figure 9.32. In write access, data is written to the memory according to the timing of the byte-
selection pin (
WEn (BEn)). For details, refer to the data sheet for the corresponding memory.
If the BAS bit in CSnWCR is set to 1, the
WEn (BEn) pin and RD/WR pin timings change. Figure
9.33 shows the basic access timing. In write access, data is written to the memory according to the
timing of the write enable pin (RD/
WR). The data hold timing from RD/WR negation to data write
must be acquired by setting the HW[1:0] bits in CSnWCR. Figure 9.34 shows the access timing
when a software wait is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com