| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 446 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 446 Page - Renesas Technology Corp |
|
446 / 1524 page ![]() Section 9 Bus State Controller (BSC) Rev. 3.00 Jan. 18, 2008 Page 384 of 1458 REJ09B0033-0300 CKIO A25 to A0 CSn RD/ WR RAS DQMxx D31 to D0 BS Tpw DACKn*4 Tp Trr A12/A11*3 BA1*1 BA0*2 CAS 1. Address pin to be connected to the BA1 pin of SDRAM. 2. Address pin to be connected to the BA0 pin of SDRAM. 3. Address pin to be connected to the A10 pin of SDRAM. 4. The waveform for DACKn is when active low is specified. Trc Trc Tmw Hi-Z Tnop Trc Trr Trc REF REF MRS Temw Tnop EMRS PALL Notes: Figure 9.29 EMRS Command Issue Timing • Deep power-down mode The low-power SDRAM supports the deep power-down mode as a low-power consumption mode. In the partial self-refresh function, self-refresh is performed on a specific area. In the deep power-down mode, self-refresh will not be performed on any memory area. This mode is effective in systems where all of the system memory areas are used as work areas. If the RMODE bit of the SDCR is set to 1 while the DEEP and RFSH bits of the SDCR are set to 1, the low-power SDRAM enters the deep power-down mode. If the RMODE bit is cleared to 0, the CKE signal is pulled high to cancel the deep power-down mode. Before executing an access after returning from the deep power-down mode, the power-up sequence must be re-executed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |