Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 439Page - Renesas Technology Corp SH7721 Datasheet HTML 440Page - Renesas Technology Corp SH7721 Datasheet HTML 441Page - Renesas Technology Corp SH7721 Datasheet HTML 442Page - Renesas Technology Corp SH7721 Datasheet HTML 443Page - Renesas Technology Corp SH7721 Datasheet HTML 444Page - Renesas Technology Corp SH7721 Datasheet HTML 445Page - Renesas Technology Corp SH7721 Datasheet HTML 446Page - Renesas Technology Corp SH7721 Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 381 of 1458
REJ09B0033-0300
Mode register setting timing is shown in figure 9.28. A PALL command (all bank precharge
command) is firstly issued. A REF command (auto-refresh command) is then issued 8 times. An
MRS command (mode register write command) is finally issued. Idle cycles, of which number is
specified by the TRP[1:0] bits in CSnWCR, are inserted between the PALL and the first REF. Idle
cycles, of which number is specified by the TRC[1:0]bits in CSnWCR, are inserted between REF
and REF, and between the 8th REF and MRS. Idle cycles, of which number is one or more, are
inserted between the MRS and a command to be issued next.
It is necessary to keep idle time of certain cycles for SDRAM before issuing PALL command after
power-on. Refer the manual of the SDRAM for the idle time to be needed. When the pulse width
of the reset signal is longer then the idle time, mode register setting can be started immediately
after the reset, but care should be taken when the pulse width of the reset signal is shorter than the
idle time.
CKIO
A25 to A0
CSn
RD/
WR
RAS
DQMxx
D31 to D0
BS
Tpw
DACKn*2
Tp
Trr
A12/A11*1
CAS
1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Trc
Trc
Tmw
Hi-Z
Tnop
Trc
Trr
Trc
REF
REF
MRS
PALL
Notes:
Figure 9.28
Write Timing for SDRAM Mode Register (Based on JEDEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com