Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 437Page - Renesas Technology Corp SH7721 Datasheet HTML 438Page - Renesas Technology Corp SH7721 Datasheet HTML 439Page - Renesas Technology Corp SH7721 Datasheet HTML 440Page - Renesas Technology Corp SH7721 Datasheet HTML 441Page - Renesas Technology Corp SH7721 Datasheet HTML 442Page - Renesas Technology Corp SH7721 Datasheet HTML 443Page - Renesas Technology Corp SH7721 Datasheet HTML 444Page - Renesas Technology Corp SH7721 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 379 of 1458
REJ09B0033-0300
(11) Power-On Sequence
In order to use SDRAM, mode setting must first be performed after powering on. To perform
SDRAM initialization correctly, the bus state controller registers must first be set, followed by a
write to the SDRAM mode register. In SDRAM mode register setting, the address signal value at
that time is latched by a combination of the
CSn, RAS, CAS, and RD/WR signals. If the value to
be set is X, the bus state controller provides for value X to be written to the SDRAM mode
register by performing a write to address H'A4FD4000 + X for area 2 SDRAM, and to address
H'A4FD5000 + X for area 3 SDRAM. In this operation the data is ignored, but the mode write is
performed as a byte-size access. To set burst read/single write, CAS latency 2 to 3, wrap type =
sequential, and burst length 1 supported by the LSI, arbitrary data is written in a byte-size access
to the addresses shown in table 9.19. In this time 0 is output at the external address pins of A12 or
later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com