Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 433Page - Renesas Technology Corp SH7721 Datasheet HTML 434Page - Renesas Technology Corp SH7721 Datasheet HTML 435Page - Renesas Technology Corp SH7721 Datasheet HTML 436Page - Renesas Technology Corp SH7721 Datasheet HTML 437Page - Renesas Technology Corp SH7721 Datasheet HTML 438Page - Renesas Technology Corp SH7721 Datasheet HTML 439Page - Renesas Technology Corp SH7721 Datasheet HTML 440Page - Renesas Technology Corp SH7721 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 375 of 1458
REJ09B0033-0300
CKIO
A25 to A0
CSn
RD/
WR
D31 to D0
BS
Tpw
DACKn*2
Tp
Trr
A12/A11*1
Trc
Trc
Trc
Hi-z
RAS
DQMxx
CAS
1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Notes:
Figure 9.25
Auto-Refresh Timing
(b)
Self-refreshing
Self-refresh mode in which the refresh timing and refresh addresses are generated within the
SDRAM. Self-refreshing is activated by setting both the RMODE bit and the RFSH bit in SDCR
to 1. After starting the self-refreshing, PALL command is issued in Tp cycle after the completion
of the pre-charging bank. A SELF command is then issued after inserting idle cycles of which
number is specified by the TRP[1:0] bits in CSnWSR. SDRAM cannot be accessed while in the
self-refresh state. Self-refresh mode is cleared by clearing the RMODE bit to 0. After self-refresh
mode has been cleared, command issuance is disabled for the number of cycles specified by the
TRC[1:0] bits in CSnWCR.
Self-refresh timing is shown in figure 9.26. Settings must be made so that self-refresh clearing and
data retention are performed correctly, and auto-refreshing is performed at the correct intervals.
When self-refreshing is activated from the state in which auto-refreshing is set, or when exiting
standby mode other than through a power-on reset, auto-refreshing is restarted if the RFSH bit is
set to 1 and the RMODE bit is cleared to 0 when self-refresh mode is cleared. If the transition
from clearing of self-refresh mode to the start of auto-refreshing takes time, this time should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com