Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 436Page - Renesas Technology Corp SH7721 Datasheet HTML 437Page - Renesas Technology Corp SH7721 Datasheet HTML 438Page - Renesas Technology Corp SH7721 Datasheet HTML 439Page - Renesas Technology Corp SH7721 Datasheet HTML 440Page - Renesas Technology Corp SH7721 Datasheet HTML 441Page - Renesas Technology Corp SH7721 Datasheet HTML 442Page - Renesas Technology Corp SH7721 Datasheet HTML 443Page - Renesas Technology Corp SH7721 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 378 of 1458
REJ09B0033-0300
(10) Power-Down Mode
If the PDOWN bit in SDCR is set to 1, the SDRAM is placed in the power-down mode by
bringing the CKE signal to the low level in the non-access cycle. This power-down mode can
effectively lower the power consumption in the non-access cycle. However, please note that if an
access occurs in power-down mode, a cycle of overhead occurs because a cycle that asserts the
CKE in order to cancel power-down mode is inserted.
Figure 9.27 shows the access timing in power-down mode.
CKIO
A25 to A0
CSn
RD/
WR
D31 to D0
BS
Tnop
DACKn*2
Power-down
Tr
A12/A11*1
Tc1
Td1
Tde
Tap
Power-down
CKE
RAS
DQMxx
CAS
1. Address pin to be connected to the A10 pin of SDRAM.
2. The waveform for DACKn is when active low is specified.
Notes:
Figure 9.27
Access Timing in Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com