Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 440Page - Renesas Technology Corp SH7721 Datasheet HTML 441Page - Renesas Technology Corp SH7721 Datasheet HTML 442Page - Renesas Technology Corp SH7721 Datasheet HTML 443Page - Renesas Technology Corp SH7721 Datasheet HTML 444Page - Renesas Technology Corp SH7721 Datasheet HTML 445Page - Renesas Technology Corp SH7721 Datasheet HTML 446Page - Renesas Technology Corp SH7721 Datasheet HTML 447Page - Renesas Technology Corp SH7721 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 382 of 1458
REJ09B0033-0300
(12) Low-Power SDRAM
The low-power SDRAM can be accessed using the same protocol as the normal SDRAM. The
differences between the low-power SDRAM and normal SDRAM are that partial refresh takes
place that puts only a part of the SDRAM in the self-refresh state during the self-refresh function,
and that power consumption is low during refresh under user conditions such as the operating
temperature. The partial refresh is effective in systems in which data in a work area other than the
specific area can be lost without severe repercussions. For details, refer to the data sheet for the
low-power SDRAM to be used.
The low-power SDRAM supports the extension mode register (EMRS) in addition to the mode
registers as the normal SDRAM. This LSI supports issuing of the EMRS command.
The EMRS command is issued according to the conditions specified in table 9.20. For example, if
data H'0YYYYYYY is written to address H'A4FD5XXX in long-word, the commands are issued
to the CS3 space in the following sequence: PALL -> REF
× 8 -> MRS -> EMRS. In this case, the
MRS and EMRS issue addresses are H'0000XXX and H'YYYYYYY, respectively. If data
H'1YYYYYYY is written to address H'A4FD5XXX in long-word, the commands are issued to the
CS3 space in the following sequence: PALL -> MRS -> EMRS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com