Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 432Page - Renesas Technology Corp SH7721 Datasheet HTML 433Page - Renesas Technology Corp SH7721 Datasheet HTML 434Page - Renesas Technology Corp SH7721 Datasheet HTML 435Page - Renesas Technology Corp SH7721 Datasheet HTML 436Page - Renesas Technology Corp SH7721 Datasheet HTML 437Page - Renesas Technology Corp SH7721 Datasheet HTML 438Page - Renesas Technology Corp SH7721 Datasheet HTML 439Page - Renesas Technology Corp SH7721 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 374 of 1458
REJ09B0033-0300
(8)
Refreshing
This LSI has a function for controlling SDRAM refreshing. Auto-refreshing can be performed by
clearing the RMODE bit to 0 and setting the RFSH bit to 1 in SDCR. A continuous refreshing can
be performed by setting the RRC[2:0] bits in RTCSR. If SDRAM is not accessed for a long
period, self-refresh mode, in which the power consumption for data retention is low, can be
activated by setting both the RMODE bit and the RFSH bit to 1.
(a)
Auto-refreshing
Refreshing is performed at intervals determined by the input clock selected by bits CKS[2:0] in
RTCSR, and the value set by in RTCOR. The value of bits CKS[2:0] in RTCOR should be set so
as to satisfy the refresh interval stipulation for the SDRAM used. First make the settings for
RTCOR, RTCNT, and the RMODE and RFSH bits in SDCR, then make the CKS[2:0] and
RRC[2:0] settings. When the clock is selected by bits CKS[2:0], RTCNT starts counting up from
the value at that time. The RTCNT value is constantly compared with the RTCOR value, and if
the two values are the same, a refresh request is generated and an auto-refresh is performed for the
number of times specified by the RRC[2:0]. At the same time, RTCNT is cleared to 0 and the
count-up is restarted. Figure 9.25 shows the auto-refresh cycle timing.
After starting, the auto refreshing, PALL command is issued in the Tp cycle to make all the banks
to precharged state from active state when some bank is being precharged. Then REF command is
issued in the Trr cycle after inserting idle cycles of which number is specified by the TRP[1:0]bits
in CSnWCR. A new command is not issued for the duration of the number of cycles specified by
the TRC[1:0] bits in CSnWCR after the Trr cycle. The TRC[1:0] bits must be set so as to satisfy
the SDRAM refreshing cycle time stipulation (tRC). A NOP cycle is inserted between the Tp
cycle and Trr cycle when the setting value of the TRP[1:0] bits in CSnWCR is longer than or
equal to 2 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com