Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 607 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 607 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 603Page - Renesas Technology Corp SH7721 Datasheet HTML 604Page - Renesas Technology Corp SH7721 Datasheet HTML 605Page - Renesas Technology Corp SH7721 Datasheet HTML 606Page - Renesas Technology Corp SH7721 Datasheet HTML 607Page - Renesas Technology Corp SH7721 Datasheet HTML 608Page - Renesas Technology Corp SH7721 Datasheet HTML 609Page - Renesas Technology Corp SH7721 Datasheet HTML 610Page - Renesas Technology Corp SH7721 Datasheet HTML 611Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 1524 page
background image
Section 15
16-Bit Timer Pulse Unit (TPU)
Rev. 3.00 Jan. 18, 2008 Page 545 of 1458
REJ09B0033-0300
15.5
Usage Notes
Note that the kinds of operation and contention described below can occur during TPU operation.
(1)
Input Clock Restrictions
The input clock pulse width must be at least 2 states in the case of single-edge detection, and at
least 3 states in the case of both-edge detection. The TPU will not operate properly with a
narrower pulse width.
In phase counting mode, the phase difference and overlap between the two input clocks must be at
least 2 states, and the pulse width must be at least 3 states. Figure 15.19 shows the input clock
conditions in phase counting mode.
Overlap
Phase
differ-
ence
Phase
differ-
ence
Overlap
TPU_TCLKA
(TPU_TCLKC)
TPU_TCLKB
(TPU_TCLKD)
Pulse width
Pulse width
Pulse width
Pulse width
Notes: Phase difference and overlap
Pulse width
: 2 states or more
: 3 states or more
Figure 15.19
Phase Difference, Overlap, and Pulse Width in Phase Counting Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com