Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 609 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 609 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 605Page - Renesas Technology Corp SH7721 Datasheet HTML 606Page - Renesas Technology Corp SH7721 Datasheet HTML 607Page - Renesas Technology Corp SH7721 Datasheet HTML 608Page - Renesas Technology Corp SH7721 Datasheet HTML 609Page - Renesas Technology Corp SH7721 Datasheet HTML 610Page - Renesas Technology Corp SH7721 Datasheet HTML 611Page - Renesas Technology Corp SH7721 Datasheet HTML 612Page - Renesas Technology Corp SH7721 Datasheet HTML 613Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 1524 page
background image
Section 16 Compare Match Timer (CMT)
TIMCMT1A_000020011000
Rev. 3.00 Jan. 18, 2008 Page 547 of 1458
REJ09B0033-0300
Section 16 Compare Match Timer (CMT)
This LSI includes a 32-bit compare match timer (CMT) of five channels (channel 0 to channel 4).
16.1
Features
• 16 bits/32 bits can be selected.
• Each channel is provided with an auto-reload up counter.
• All channels are provided with 32-bit constant registers and 32-bit up counters that can be
written or read at any time.
• Allows selection among three counter input clocks for channel 0 to channel 4:
 Peripheral clock (Pφ): 1/8, 1/32, and 1/128
• One-shot operation and free-running operation are selectable.
• Allows selection of compare match or overflow for the interrupt source.
• Generate a DMA transfer request when compare match or overflow occurs in channels 0 to 4.
• Module standby mode can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com