Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 613 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 613 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 609Page - Renesas Technology Corp SH7721 Datasheet HTML 610Page - Renesas Technology Corp SH7721 Datasheet HTML 611Page - Renesas Technology Corp SH7721 Datasheet HTML 612Page - Renesas Technology Corp SH7721 Datasheet HTML 613Page - Renesas Technology Corp SH7721 Datasheet HTML 614Page - Renesas Technology Corp SH7721 Datasheet HTML 615Page - Renesas Technology Corp SH7721 Datasheet HTML 616Page - Renesas Technology Corp SH7721 Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 1524 page
background image
Section 16 Compare Match Timer (CMT)
Rev. 3.00 Jan. 18, 2008 Page 551 of 1458
REJ09B0033-0300
16.2.2
Compare Match Timer Control/Status Register (CMCSR)
CMCSR is a 16-bit register that indicates the occurrence of compare matches, enables interrupts
and DMA transfer request, and sets the counter input clocks.
Do not change bits other than bits CMF and OVF during the compare match timer counter
(CMCNT) operation.
Bit
Bit Name
Initial
Value
R/W
Description
15
CMF
0
R/(W)*
1
Compare Match Flag
This flag indicates whether or not values of the compare
match timer counter (CMCNT) and compare match timer
constant register (CMCOR) have matched.
Software cannot write 1 to the bit. When one-shot is
selected for the counter operation, counting resumes by
clearing this bit.
0: CMCNT and CMCOR values have not matched
[Clearing condition]
• Write 0 to CMF after reading CMF=1
1: CMCNT and CMCOR values have matched
14
OVF
0
R/(W)*
1
Overflow Flag
This flag indicates whether or not the compare match
timer counter (CMCNT) has overflowed and been cleared
to 0. Software cannot write 1 to this bit.
0: CMCNT has not overflowed
[Clearing condition]
• Write 0 to OVF after reading OVF=1
1: CMCNT has overflowed
13 to 10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com