Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 614 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 614 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 610Page - Renesas Technology Corp SH7721 Datasheet HTML 611Page - Renesas Technology Corp SH7721 Datasheet HTML 612Page - Renesas Technology Corp SH7721 Datasheet HTML 613Page - Renesas Technology Corp SH7721 Datasheet HTML 614Page - Renesas Technology Corp SH7721 Datasheet HTML 615Page - Renesas Technology Corp SH7721 Datasheet HTML 616Page - Renesas Technology Corp SH7721 Datasheet HTML 617Page - Renesas Technology Corp SH7721 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 1524 page
background image
Section 16 Compare Match Timer (CMT)
Rev. 3.00 Jan. 18, 2008 Page 552 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
9
CMS
0
R/W
Compare Match Timer Counter Size
Selects whether the compare match timer counter
(CMCNT) is used as a 16-bit counter or a 32-bit counter.
This setting becomes the valid size for the compare
match timer constant register (CMCOR).
0: Operates as a 32-bit counter
1: Operates as a 16-bit counter
8
CMM
0
R/W
Compare Match Mode
Selects one-shot operation or free-running operation of
the counter.
0: One-shot operation
1: Free-running operation
7, 6
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
5
4
CMR1
CMR0
0
0
R/W
R/W
Compare Match Request 1, 0
Selects enable or disable for a DMA transfer request or
internal interrupt request in a compare match.
00: Disables a DMA transfer request and internal
interrupt request
01: Enables DMA transfer request
10: Enables an internal interrupt request
11: Setting prohibited
3
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com