Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 614Page - Renesas Technology Corp SH7721 Datasheet HTML 615Page - Renesas Technology Corp SH7721 Datasheet HTML 616Page - Renesas Technology Corp SH7721 Datasheet HTML 617Page - Renesas Technology Corp SH7721 Datasheet HTML 618Page - Renesas Technology Corp SH7721 Datasheet HTML 619Page - Renesas Technology Corp SH7721 Datasheet HTML 620Page - Renesas Technology Corp SH7721 Datasheet HTML 621Page - Renesas Technology Corp SH7721 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 1524 page
background image
Section 16 Compare Match Timer (CMT)
Rev. 3.00 Jan. 18, 2008 Page 556 of 1458
REJ09B0033-0300
16.3.3
Timing for Counting by CMCNT
In this module, the clock for the counter can be selected from among the following:
•
For channels 0 to 4:
 Peripheral clock (Pφ): 1/8, 1/32, or 1/128
The clock for the counter is selected by bits CKS2 to CKS0 in CMCSR. CMCNT is incremented
at the rising edge of the selected clock.
16.3.4
DMA Transfer Requests and Internal Interrupt Requests to CPU
The setting of bits CMR1 and CMR0 in CMCSR selects the sending of a request for a DMA
transfer or for an internal interrupt to the CPU at a compare match.
A DMA transfer request has different specifications according to the CMT channel as described
below.
1. For channels 0 and 1, a single DMA transfer request is output at a compare match.
2. For channels 2 to 4, a DMA transfer request continues until the amount of data transferred has
reached the value set in the DMAC, and the output of the request then automatically stops.
To clear the interrupt request, the CMF bit should be set to 0. Set the CMF bit to 0 in the handling
routine for the CMT interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com