Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 616 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 616 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 612Page - Renesas Technology Corp SH7721 Datasheet HTML 613Page - Renesas Technology Corp SH7721 Datasheet HTML 614Page - Renesas Technology Corp SH7721 Datasheet HTML 615Page - Renesas Technology Corp SH7721 Datasheet HTML 616Page - Renesas Technology Corp SH7721 Datasheet HTML 617Page - Renesas Technology Corp SH7721 Datasheet HTML 618Page - Renesas Technology Corp SH7721 Datasheet HTML 619Page - Renesas Technology Corp SH7721 Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 1524 page
background image
Section 16 Compare Match Timer (CMT)
Rev. 3.00 Jan. 18, 2008 Page 554 of 1458
REJ09B0033-0300
16.3
Operation
16.3.1
Counter Operation
The CMT starts the operation of the counter by writing a 1 to the STRn bit in CMSTR of a
channel that has been selected for operation. Complete all of the settings before starting the
operation. Do not change the register settings other than by clearing flag bits.
The counter operates in one of two ways.
• One-Shot Operation
One-shot operation is selected by setting the CMM bit in CMCSR to 0. When the value in
CMCNT matches the value in CMCOR, the value in CMCNT is cleared to H'00000000 and
the CMF bit in CMCSR is set to 1. Counting by CMCNT stops after it has been cleared.
To detect an overflow interrupt, set the value in CMCOR to H'FFFFFFFF. When the value in
CMCNT matches the value in CMCOR, CMCNT is cleared to H'00000000 and bits CMF and
OVF in CMCSR are set to 1.
Value in
CMCNT
CMCOR
CMF = 1
OVF = 1 (When an overflow is detected)
H'00000000
Time
Figure 16.2 Counter Operation (One-Shot Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com