Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 617 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 617 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 613Page - Renesas Technology Corp SH7721 Datasheet HTML 614Page - Renesas Technology Corp SH7721 Datasheet HTML 615Page - Renesas Technology Corp SH7721 Datasheet HTML 616Page - Renesas Technology Corp SH7721 Datasheet HTML 617Page - Renesas Technology Corp SH7721 Datasheet HTML 618Page - Renesas Technology Corp SH7721 Datasheet HTML 619Page - Renesas Technology Corp SH7721 Datasheet HTML 620Page - Renesas Technology Corp SH7721 Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 1524 page
background image
Section 16 Compare Match Timer (CMT)
Rev. 3.00 Jan. 18, 2008 Page 555 of 1458
REJ09B0033-0300
• Free-Running Operation
Free-running operation is selected by setting the CMM bit in CMCSR to 1. When the value in
CMCNT matches the value in CMCOR, CMCNT is cleared to H'00000000 and the CMF bit in
CMCSR is set to 1. CMCNT resumes counting-up after it has been cleared.
To detect an overflow interrupt, set CMCOR to H'FFFFFFFF. When the values in CMCNT
and CMCOR match, CMCNT is cleared to H'00000000 and bits CMF and OVF in CMCSR
are set to 1.
CMCOR
H'00000000
Value in
CMCNT
CMF=1
OVF=1 (When an overflow is detected)
Time
Figure 16.3 Counter Operation (Free-Running Operation)
16.3.2
Counter Size
In this module, the size of the counter is selectable as either 16 or 32 bits. This is selected by the
CMS bit in CMCSR.
When the 16-bit size is selected, use a 32-bit value which has H'0000 as its upper half to set
CMCOR.
To detect an overflow interrupt, the value must be set to H'0000FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com