Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 622 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 622 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 618Page - Renesas Technology Corp SH7721 Datasheet HTML 619Page - Renesas Technology Corp SH7721 Datasheet HTML 620Page - Renesas Technology Corp SH7721 Datasheet HTML 621Page - Renesas Technology Corp SH7721 Datasheet HTML 622Page - Renesas Technology Corp SH7721 Datasheet HTML 623Page - Renesas Technology Corp SH7721 Datasheet HTML 624Page - Renesas Technology Corp SH7721 Datasheet HTML 625Page - Renesas Technology Corp SH7721 Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 560 of 1458
REJ09B0033-0300
Figure 17.1 shows the block diagram of RTC.
RSECCNT:
RMINCNT:
RHRCNT:
RWKCNT:
RDAYCNT:
RMONCNT:
RYRCNT:
R64CNT:
RCR1:
Second counter (8 bits)
Minute counter (8 bits)
Hour counter (8 bits)
Day of week counter (8 bits)
Date counter
Month counter (8 bits)
Year counter (16 bits)
64-Hz counter (8 bits)
RTC control register 1 (8 bits)
RSECAR:
RMINAR:
RHRAR:
RWKAR:
RDAYAR:
RMONAR:
RYRAR:
RCR2:
RCR3:
Second alarm register (8 bits)
Minute alarm registger (8 bits)
Hour alarm register (8 bits)
Day of week alarm register (8 bits)
Date alarm register (8 bits)
Month alarm register (8 bits)
Year alarm register (16 bits)
RTC control register 2 (8 bits)
RTC control register 3
[Legend]
RHRCNT
RMINCNT
Interrupt
control circuit
RDAYCNT
RYRCNT
RMONCNT
Oscillator
circuit
EXTAL_RTC
XTAL_RTC
RCR2
RCR3
RWKCNT
RHRAR
RMINAR
RDAYAR
RWKAR
Externally
connected
circuit
Prescaler
32.768kHz
128Hz
ATI
PRI
CU
RCR1
RTC operation
control circuit
R64CNT
RSECCNT
RSECAR
RTCCLK (16kHz)
Count
Interrupt
signals
RMONAR
RYRAR
Figure 17.1 RTC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com