Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 625 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 625 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 621Page - Renesas Technology Corp SH7721 Datasheet HTML 622Page - Renesas Technology Corp SH7721 Datasheet HTML 623Page - Renesas Technology Corp SH7721 Datasheet HTML 624Page - Renesas Technology Corp SH7721 Datasheet HTML 625Page - Renesas Technology Corp SH7721 Datasheet HTML 626Page - Renesas Technology Corp SH7721 Datasheet HTML 627Page - Renesas Technology Corp SH7721 Datasheet HTML 628Page - Renesas Technology Corp SH7721 Datasheet HTML 629Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 563 of 1458
REJ09B0033-0300
17.3.1
64-Hz Counter (R64CNT)
R64CNT indicates the state of the divider circuit between 64 Hz and 1 Hz.
Reading this register, when carry from 128-Hz divider stage is generated, sets the CF bit in the
RTC control register 1 (RCR1) to 1 so that the carrying and reading 64 Hz counter are performed
at the same time is indicated. In this case, the R64CNT should be read again after writing 0 to the
CF bit in RCR1 since the read value is not valid.
After the RESET bit or ADJ bit in the RTC control register 2 (RCR2) is set to 1, the RTC divider
circuit is initialized and R64CNT is initialized to H'00.
R64CNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0. Writing has no effect.
6
1 Hz
Undefined
R
5
2 Hz
Undefined
R
4
4 Hz
Undefined
R
3
8 Hz
Undefined
R
2
16 Hz
Undefined
R
1
32 Hz
Undefined
R
0
64 Hz
Undefined
R
Indicate the state of the divider circuit between
64 Hz and 1 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com