Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 628 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 628 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 624Page - Renesas Technology Corp SH7721 Datasheet HTML 625Page - Renesas Technology Corp SH7721 Datasheet HTML 626Page - Renesas Technology Corp SH7721 Datasheet HTML 627Page - Renesas Technology Corp SH7721 Datasheet HTML 628Page - Renesas Technology Corp SH7721 Datasheet HTML 629Page - Renesas Technology Corp SH7721 Datasheet HTML 630Page - Renesas Technology Corp SH7721 Datasheet HTML 631Page - Renesas Technology Corp SH7721 Datasheet HTML 632Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 566 of 1458
REJ09B0033-0300
17.3.4
Hour Counter (RHRCNT)
RHRCNT is used for setting/counting in the BCD-coded hour section. The count operation is
performed by a carry for each 1 hour of the minute counter.
The range of hour can be set is 00 to 23 (decimal). Errant operation will result if any other value is
set. Carry out write processing after stopping the count operation with the START bit in RCR2.
RHRCNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
R
Reserved
These bits are always read as 0. Though writing
has no effect, the write value should always be 0.
5, 4
Undefined
R/W
Counting Ten’s Position of Hours
Counts on 0 to 2 for ten’s position of hours.
3 to 0
Undefined
R/W
Counting One’s Position of Hours
Counts on 0 to 9 once per hour. When a carry is
generated, 1 is added to the ten’s position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com