Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 632 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 632 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 628Page - Renesas Technology Corp SH7721 Datasheet HTML 629Page - Renesas Technology Corp SH7721 Datasheet HTML 630Page - Renesas Technology Corp SH7721 Datasheet HTML 631Page - Renesas Technology Corp SH7721 Datasheet HTML 632Page - Renesas Technology Corp SH7721 Datasheet HTML 633Page - Renesas Technology Corp SH7721 Datasheet HTML 634Page - Renesas Technology Corp SH7721 Datasheet HTML 635Page - Renesas Technology Corp SH7721 Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 570 of 1458
REJ09B0033-0300
17.3.9
Second Alarm Register (RSECAR)
RSECAR is an alarm register corresponding to the BCD coded second counter RSECCNT of the
RTC. When the ENB bit is set to 1, a comparison with the RSECCNT value is performed. From
among RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR/RCR3, the counter and
alarm register comparison is performed only on those with ENB bits set to 1, and if each of those
coincide, an alarm flag of RCR1 is set to 1.
The range of second alarm which can be set is 00 to 59 (decimal)
+ ENB bits. Errant operation
will result if any other value is set.
The ENB bit in RSECAR is initialized to 0 by a power-on reset. The remaining RSECAR fields
are not initialized by a power-on reset or manual reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
ENB
0
R/W
When this bit is set to 1, a comparison with the
RSECCNT value is performed.
6 to 4
Undefined
R/W
Ten’s position of seconds setting value
3 to 0
Undefined
R/W
One’s position of seconds setting value
17.3.10
Minute Alarm Register (RMINAR)
RMINAR is an alarm register corresponding to the minute counter RMINCNT. When the ENB bit
is set to 1, a comparison with the RMINCNT value is performed. From among
RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR/RCR3, the counter and alarm
register comparison is performed only on those with ENB bits set to 1, and if each of those
coincide, an alarm flag of RCR1 is set to 1.
The range of minute alarm which can be set is 00 to 59 (decimal). Errant operation will result if
any other value is set.
The ENB bit in RMINAR is initialized by a power-on reset. The remaining RMINAR fields are
not initialized by a power-on reset or manual reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
ENB
0
R/W
When this bit is set to 1, a comparison with the
RMINCNT value is performed.
6 to 4
Undefined
R/W
Ten’s position of minutes setting value
3 to 0
Undefined
R/W
One’s position of minutes setting value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com