Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 635 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 635 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 631Page - Renesas Technology Corp SH7721 Datasheet HTML 632Page - Renesas Technology Corp SH7721 Datasheet HTML 633Page - Renesas Technology Corp SH7721 Datasheet HTML 634Page - Renesas Technology Corp SH7721 Datasheet HTML 635Page - Renesas Technology Corp SH7721 Datasheet HTML 636Page - Renesas Technology Corp SH7721 Datasheet HTML 637Page - Renesas Technology Corp SH7721 Datasheet HTML 638Page - Renesas Technology Corp SH7721 Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 573 of 1458
REJ09B0033-0300
17.3.13
Date Alarm Register (RDAYAR)
RDAYAR is an alarm register corresponding to the BCD coded date counter RDAYCNT. When
the ENB bit is set to 1, a comparison with the RDAYCNT value is performed. From among
RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR/RCR3, the counter and alarm
register comparison is performed only on those with ENB bits set to 1, and if each of those
coincide, an alarm flag of RCR1 is set to 1.
The range of date alarm which can be set is 01 to 31 (decimal). Errant operation will result if any
other value is set. The RDAYCNT range that can be set changes with some months and in leap
years. Please confirm the correct setting.
The ENB bit in RDAYAR is initialized by a power-on reset. The remaining RDAYAR fields are
not initialized by a power-on reset or manual reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
ENB
0
R/W
When this bit is set to 1, a comparison with the
RDAYCNT value is performed.
6
0
R
Reserved
This bit is always read as 0. The write value
should always be 0.
5, 4
Undefined
R/W
Ten’s position of dates setting value
3 to 0
Undefined
R/W
One’s position of dates setting value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com