Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 634 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 634 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 630Page - Renesas Technology Corp SH7721 Datasheet HTML 631Page - Renesas Technology Corp SH7721 Datasheet HTML 632Page - Renesas Technology Corp SH7721 Datasheet HTML 633Page - Renesas Technology Corp SH7721 Datasheet HTML 634Page - Renesas Technology Corp SH7721 Datasheet HTML 635Page - Renesas Technology Corp SH7721 Datasheet HTML 636Page - Renesas Technology Corp SH7721 Datasheet HTML 637Page - Renesas Technology Corp SH7721 Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 572 of 1458
REJ09B0033-0300
17.3.12
Day of Week Alarm Register (RWKAR)
RWKAR is an alarm register corresponding to the BCD coded day of week counter RWKCNT.
When the ENB bit is set to 1, a comparison with the RWKCNT value is performed. From among
RSECAR/RMINAR/RHRAR/RWKAR/RDAYAR/RMONAR/RCR3, the counter and alarm
register comparison is performed only on those with ENB bits set to 1, and if each of those
coincide, an alarm flag of RCR1 is set to 1.
The range of day of the week alarm which can be set is 0 to 6 (decimal). Errant operation will
result if any other value is set.
The ENB bit in RWKAR is initialized by a power-on reset. The remaining RWKAR fields are not
initialized by a power-on reset or manual reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
ENB
0
R/W
When this bit is set to 1, a comparison with the
RWKCNT value is performed.
6 to 3
0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2 to 0
Undefined
R/W
Day of week setting value
Code
0
1
2
3
4
5
6
Day
Sunday
Monday
Tuesday
Wednesday Thursday
Friday
Saturday



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com