Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 630 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 630 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 626Page - Renesas Technology Corp SH7721 Datasheet HTML 627Page - Renesas Technology Corp SH7721 Datasheet HTML 628Page - Renesas Technology Corp SH7721 Datasheet HTML 629Page - Renesas Technology Corp SH7721 Datasheet HTML 630Page - Renesas Technology Corp SH7721 Datasheet HTML 631Page - Renesas Technology Corp SH7721 Datasheet HTML 632Page - Renesas Technology Corp SH7721 Datasheet HTML 633Page - Renesas Technology Corp SH7721 Datasheet HTML 634Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 630 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 568 of 1458
REJ09B0033-0300
17.3.6
Date Counter (RDAYCNT)
RDAYCNT is used for setting/counting in the BCD-coded date section. The count operation is
performed by a carry for each day of the hour counter.
Though the range of date which can be set is 01 to 31 (decimal). Errant operation will result if any
other value is set. Carry out write processing after stopping the count operation with the START
bit in RCR2.
RDAYCNT is not initialized by a power-on reset or manual reset, or in standby mode.
The range of date changes with each month and in leap years. Please confirm the correct setting.
Leap years are recognized by dividing the year counter values by 400, 100, and 4 and obtaining a
fractional result of 0. The year counter value of 0000 is included in the leap year.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5, 4
Undefined
R/W
Counting Ten’s Position of Dates
3 to 0
Undefined
R/W
Counting One’s Position of Dates
Counts on 0 to 9 once per date. When a carry is
generated, 1 is added to the ten’s position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com