| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 631 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 631 Page - Renesas Technology Corp |
|
631 / 1524 page ![]() Section 17 Realtime Clock (RTC) Rev. 3.00 Jan. 18, 2008 Page 569 of 1458 REJ09B0033-0300 17.3.7 Month Counter (RMONCNT) RMONCNT is used for setting/counting in the BCD-coded month section. The count operation is performed by a carry for each month of the date counter. The range of month can be set is 01 to 12 (decimal). Errant operation will result if any other value is set. Carry out write processing after stopping the count operation with the START bit in RCR2. RMONCNT is not initialized by a power-on reset or manual reset, or in standby mode. Bit Bit Name Initial Value R/W Description 7 to 5 All 0 R Reserved These bits are always read as 0. Though writing has no effect, the write value should always be 0. 4 Undefined R/W Counting Ten’s Position of Months 3 to 0 Undefined R/W Counting One’s Position of Months Counts on 0 to 9 once per month. When a carry is generated, 1 is added to the ten’s position. 17.3.8 Year Counter (RYRCNT) RYRCNT is used for setting/counting in the BCD-coded year section. The count operation is performed by a carry for each year of the month counter. The range for year which can be set is 0000 to 9999 (decimal). Errant operation will result if any other value is set. Carry out write processing after halting the count operation with the START bit in RCR2 or using a carry flag. RYRCNT is not initialized by a power-on reset or manual reset, or in standby mode. Bit Bit Name Initial Value R/W Description 15 to 12 Undefined R/W Counting Thousand’s Position of Years 11 to 8 Undefined R/W Counting Hundred’s Position of Years 7 to 4 Undefined R/W Counting Ten’s Position of Years 3 to 0 Undefined R/W Counting One’s Position of Years |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |