Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 627 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 627 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 623Page - Renesas Technology Corp SH7721 Datasheet HTML 624Page - Renesas Technology Corp SH7721 Datasheet HTML 625Page - Renesas Technology Corp SH7721 Datasheet HTML 626Page - Renesas Technology Corp SH7721 Datasheet HTML 627Page - Renesas Technology Corp SH7721 Datasheet HTML 628Page - Renesas Technology Corp SH7721 Datasheet HTML 629Page - Renesas Technology Corp SH7721 Datasheet HTML 630Page - Renesas Technology Corp SH7721 Datasheet HTML 631Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 565 of 1458
REJ09B0033-0300
17.3.3
Minute Counter (RMINCNT)
RMINCNT is used for setting/counting in the BCD-coded minute section. The count operation is
performed by a carry for each minute of the second counter.
The range of minute can be set is 00 to 59 (decimal). Errant operation will result if any other value
is set. Carry out write processing after stopping the count operation with the START bit in RCR2.
RMINCNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
7
0
R
Reserved
This bit is always read as 0.The write value
should always be 0.
6 to 4
Undefined
R/W
Counting Ten’s Position of Minutes
Counts on 0 to 5 for 60-minutes counting.
3 to 0
Undefined
R/W
Counting One’s Position of Minutes
Counts on 0 to 9 once per second. When a carry
is generated, 1 is added to the ten’s position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com