Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 638 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 638 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 634Page - Renesas Technology Corp SH7721 Datasheet HTML 635Page - Renesas Technology Corp SH7721 Datasheet HTML 636Page - Renesas Technology Corp SH7721 Datasheet HTML 637Page - Renesas Technology Corp SH7721 Datasheet HTML 638Page - Renesas Technology Corp SH7721 Datasheet HTML 639Page - Renesas Technology Corp SH7721 Datasheet HTML 640Page - Renesas Technology Corp SH7721 Datasheet HTML 641Page - Renesas Technology Corp SH7721 Datasheet HTML 642Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 1524 page
background image
Section 17 Realtime Clock (RTC)
Rev. 3.00 Jan. 18, 2008 Page 576 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
4
CIE
0
R/W
Carry Interrupt Enable Flag
When the carry flag (CF) is set to 1, the CIE bit
enables interrupts.
0: A carry interrupt is not generated when the CF
flag is set to 1
1: A carry interrupt is generated when the CF flag
is set to 1
3
AIE
0
R/W
Alarm Interrupt Enable Flag
When the alarm flag (AF) is set to 1, the AIE bit
allows interrupts.
0: An alarm interrupt is not generated when the
AF flag is set to 1
1: An alarm interrupt is generated when the AF
flag is set to 1
2, 1
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
AF
0
R/W
Alarm Flag
The AF flag is set when the alarm time, which is
set by an alarm register(ENB bit in RSECAR,
RMINAR, RHRAR, RWKAR, RDAYAR,
RMONAR, or RYRAR is set to 1), and counter
match.
0: Alarm register and counter not match
[Clearing condition]
When 0 is written to AF.
1: Alarm register and counter match*
[Setting condition]
When alarm register (only a register with ENB bit
set to 1) and counter match
Note:
*
Writing 1 holds previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com