Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1133 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1133 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1129Page - Renesas Technology Corp SH7721 Datasheet HTML 1130Page - Renesas Technology Corp SH7721 Datasheet HTML 1131Page - Renesas Technology Corp SH7721 Datasheet HTML 1132Page - Renesas Technology Corp SH7721 Datasheet HTML 1133Page - Renesas Technology Corp SH7721 Datasheet HTML 1134Page - Renesas Technology Corp SH7721 Datasheet HTML 1135Page - Renesas Technology Corp SH7721 Datasheet HTML 1136Page - Renesas Technology Corp SH7721 Datasheet HTML 1137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1133 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1071 of 1458
REJ09B0033-0300
Command sequence start
Command sequence end
FIFO clear
Write transfer block size to TBCR
Execute CMD16
Execute CMD17 (CMDR to CMDSTRT)
Read response register
Read data from FIFO
FIFO clear
Write 1 to CMDOFF
Write 1 to RD_CONTI
Read data from FIFO
Write 1 to CMDOFF
Yes
Yes
No
Yes
No
Yes
No
Yes
No
No
Yes
No
Yes
No
Yes
Yes
No
No
Yes
No
Yes
No
Does CMD16
end successfully?
Is CRCERI interrupt
generated?
Is CRPI interrupt
generated?
Cap
≥ Len - Cap × n(FFI)
Is response
status normal?
Is DTERI interrupt
generated?
Is CRCERI interrupt
generated?
Is DTERI interrupt
generated?
Is DTI interrupt
generated?
Is FFI interrupt
generated?
Is CTERI interrupt
generated?
*
Block length (byte)
Len:
Cap:
n(FFI):
FIFO size (byte)
The number of FEIs
from the start of read sequence
Note:*
Figure 31.11
Operational Flowchart for Commands with Read Data
(Single Block Transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com