Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1135 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1135 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1131Page - Renesas Technology Corp SH7721 Datasheet HTML 1132Page - Renesas Technology Corp SH7721 Datasheet HTML 1133Page - Renesas Technology Corp SH7721 Datasheet HTML 1134Page - Renesas Technology Corp SH7721 Datasheet HTML 1135Page - Renesas Technology Corp SH7721 Datasheet HTML 1136Page - Renesas Technology Corp SH7721 Datasheet HTML 1137Page - Renesas Technology Corp SH7721 Datasheet HTML 1138Page - Renesas Technology Corp SH7721 Datasheet HTML 1139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1135 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1073 of 1458
REJ09B0033-0300
[1]
[2]
Write 1 to RD_CONTI
Read data from FIFO
Read data from FIFO
Write 1 to CMDOFF
Execute CMD12
Write 1 to CMDOFF
Write 1 to CMDOFF
Execute CMD12
FIFO clear
Yes
No
Yes
No
Yes
Yes
Yes
Yes
No
No
No
No
Is CRCERI interrupt
generated?
Is DTERI interrupt
generated?
Is DTERI interrupt
generated?
Is DTI interrupt
generated?
Is FFI interrupt
generated?
Is next block read?
Block length (byte)
Len:
Cap:
n(FFI):
FIFO size (byte)
The number of FFIs from the start
of read sequence
n(DTI): The number of DTIs from the start
of read sequence
Note:
*
Cap
≥
Len (1 + n(DTI))
- Cap
× n(FFI)
Command sequence end
*
Yes
No
Figure 31.12
Operational Flowchart for Commands with Read Data
(Open-ended Multiblock Transfer) (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com