Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1144 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1144 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1140Page - Renesas Technology Corp SH7721 Datasheet HTML 1141Page - Renesas Technology Corp SH7721 Datasheet HTML 1142Page - Renesas Technology Corp SH7721 Datasheet HTML 1143Page - Renesas Technology Corp SH7721 Datasheet HTML 1144Page - Renesas Technology Corp SH7721 Datasheet HTML 1145Page - Renesas Technology Corp SH7721 Datasheet HTML 1146Page - Renesas Technology Corp SH7721 Datasheet HTML 1147Page - Renesas Technology Corp SH7721 Datasheet HTML 1148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1144 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1082 of 1458
REJ09B0033-0300
Write transfer block size to TBCR
Execute CMD16
Write data to FIFO
Write 1 to DATAEN
Cap
× n(FEI) ≥ Len *
Execute CMD24 (CMDR to CMDSTRT)
Read response register
Is CRPI interrupt
generated?
Is CRCERI interrupt
generated?
Is CTERI interrupt
generated?
Is DTBUSY
detected?
Is DBSYI interrupt is
generated?
Is DTI interrupt
generated?
Is FEI interrupt
generated?
Is DRPI interrupt
generated?
Is CRCERI interrupt
generated?
Command sequence start
FIFO clear
Yes
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
No
Command sequence end
Is response status
normal?
Write1 to CMDOFF
Block length (byte)
Len:
Cap:
n(FEI):
FIFO size (byte)
The number of FEIs
from the start of write sequence
Does CMD16 end
successfully?
Is DTERI interrupt
generated?
Yes
No
No
No
No
No
Note: *
Figure 31.19
Operational Flowchart for Commands with Write Data
(Single Block Transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com