Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1146 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1146 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1142Page - Renesas Technology Corp SH7721 Datasheet HTML 1143Page - Renesas Technology Corp SH7721 Datasheet HTML 1144Page - Renesas Technology Corp SH7721 Datasheet HTML 1145Page - Renesas Technology Corp SH7721 Datasheet HTML 1146Page - Renesas Technology Corp SH7721 Datasheet HTML 1147Page - Renesas Technology Corp SH7721 Datasheet HTML 1148Page - Renesas Technology Corp SH7721 Datasheet HTML 1149Page - Renesas Technology Corp SH7721 Datasheet HTML 1150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1146 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1084 of 1458
REJ09B0033-0300
Write 1 to CMDOFF
Write 1 to CMDOFF
Execute CMD12
Command sequence end
Write 1 to DATAEN
Write data to FIFO*1
Cap
× n(FEI) -
Len (1 + n(DRPI))
≥ Len*2
Is CRCERI interrupt
generated?
Is DTERI interrupt
generated?
Is DTI interrupt
generated?
Is DRPI interrupt
generated?
Is FEI interrupt
generated?
Is DTBUSY
detected?
Is DBSYI interrupt
generated?
Is next block
written?
[1]
[2]
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
No
No
No
Block length (byte)
Len:
Cap:
n(FEI):
FIFO size (byte)
The number of FEIs from
the start of write sequence
n(DRPI): The number of DRPIs from
the start of write sequence
2.
Notes: 1.
Write data of block length
when block length
≤ FIFO size,
data of FIFO size
when block length > FIFO size.
Figure 31.20
Operational Flowchart for Commands with Write Data
(Open-ended Multiblock Transfer) (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com