Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1173 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1173 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1169Page - Renesas Technology Corp SH7721 Datasheet HTML 1170Page - Renesas Technology Corp SH7721 Datasheet HTML 1171Page - Renesas Technology Corp SH7721 Datasheet HTML 1172Page - Renesas Technology Corp SH7721 Datasheet HTML 1173Page - Renesas Technology Corp SH7721 Datasheet HTML 1174Page - Renesas Technology Corp SH7721 Datasheet HTML 1175Page - Renesas Technology Corp SH7721 Datasheet HTML 1176Page - Renesas Technology Corp SH7721 Datasheet HTML 1177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1173 / 1524 page
background image
Section 33 User Break Controller (UBC)
UBCS300S_000020020300
Rev. 3.00 Jan. 18, 2008 Page 1111 of 1458
REJ09B0033-0300
Section 33 User Break Controller (UBC)
The user break controller (UBC) provides functions that simplify program debugging. These
functions make it easy to design an effective self-monitoring debugger, enabling the chip to debug
programs without using an in-circuit emulator. Break conditions that can be set in the UBC are
instruction fetch or data read/write access, data size, data contents, address value, and stop timing
in the case of instruction fetch.
33.1
Features
1. The following break comparison conditions can be set.
Number of break channels: two channels (channels A and B)
User break can be requested as either the independent or sequential condition on channels A
and B (sequential break setting: channel A and then channel B match with break conditions,
but not in the same bus cycle).
• Address
Compares 40 bits configured of the ASID and addresses 32 bits: the ASID can be selected
either all-bit comparison or all-bit mask. Comparison bits are maskable in 1-bit units; user can
mask addresses at lower 12 bits (4-k page), lower 10 bits (1-k page), or any size of page, etc.
One of the four address buses (logic address bus (LAB), internal address bus (IAB),
One of the four data buses (L-bus data (LDB), I-bus data (IDB), X-memory data bus (XDB)
and Y-memory data bus (YDB)) can be selected.
• Data
Only on channel B, 32-bit maskable.
One of the four data buses (L-bus data (LDB), I-bus data (IDB), X-memory data bus (XDB)
and Y-memory data bus (YDB)) can be selected.
• Bus cycle
Instruction fetch or data access
• Read/write
• Operand size
Byte, word, and longword
2. A user-designed user-break condition exception processing routine can be run.
3. In an instruction fetch cycle, it can be selected that a break is set before or after an instruction
is executed.
4. Maximum repeat times for the break condition (only for channel B): 2
12 – 1 times.
5. Eight pairs of branch source/destination buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com