Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1175 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1175 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1171Page - Renesas Technology Corp SH7721 Datasheet HTML 1172Page - Renesas Technology Corp SH7721 Datasheet HTML 1173Page - Renesas Technology Corp SH7721 Datasheet HTML 1174Page - Renesas Technology Corp SH7721 Datasheet HTML 1175Page - Renesas Technology Corp SH7721 Datasheet HTML 1176Page - Renesas Technology Corp SH7721 Datasheet HTML 1177Page - Renesas Technology Corp SH7721 Datasheet HTML 1178Page - Renesas Technology Corp SH7721 Datasheet HTML 1179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1175 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1113 of 1458
REJ09B0033-0300
33.2
Register Descriptions
The user break controller has the following registers. Refer to section 37, List of Registers, for
more details on the addresses and access size of these registers.
• Break address register A (BARA)
• Break address mask register A (BAMRA)
• Break bus cycle register A (BBRA)
• Break address register B (BARB)
• Break address mask register B (BAMRB)
• Break bus cycle register B (BBRB)
• Break data register B (BDRB)
• Break data mask register B (BDMRB)
• Break control register (BRCR)
• Execution times break register (BETR)
• Branch source register (BRSR)
• Branch destination register (BRDR)
• Break ASID register A (BASRA)
• Break ASID register B (BASRB)
33.2.1
Break Address Register A (BARA)
BARA is a 32-bit readable/writable register. BARA specifies the address used as a break condition
in channel A.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAA31 to
BAA0
All 0
R/W
Break Address A
Store the address on the LAB or IAB specifying break
conditions of channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com