Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1178 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1178 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1174Page - Renesas Technology Corp SH7721 Datasheet HTML 1175Page - Renesas Technology Corp SH7721 Datasheet HTML 1176Page - Renesas Technology Corp SH7721 Datasheet HTML 1177Page - Renesas Technology Corp SH7721 Datasheet HTML 1178Page - Renesas Technology Corp SH7721 Datasheet HTML 1179Page - Renesas Technology Corp SH7721 Datasheet HTML 1180Page - Renesas Technology Corp SH7721 Datasheet HTML 1181Page - Renesas Technology Corp SH7721 Datasheet HTML 1182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1178 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1116 of 1458
REJ09B0033-0300
33.2.4
Break Address Register B (BARB)
BARB is a 32-bit readable/writable register. BARB specifies the address used as a break condition
in channel B. Control bits CDB1, CDB0, XYE, and XYS in BBRB select one of the four address
buses for break condition B.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAB31 to
BAB0
All 0
R/W
Break Address B
Stores an address which specifies a break condition in
channel B.
If the I bus or L bus is selected in BBRB, an IAB or LAB
address is set in BAB31 to BAB0.
If the X memory is selected in BBRB, the values in bits
15 to 1 in XAB are set in BAB31 to BAB17. In this case,
the values in BAB16 to BAB0 are arbitrary.
If the Y memory is selected in BBRB, the values in bits
15 to 1 in YAB are set in BAB15 to BAB1. In this case,
the values in BAB31 to BAB16 are arbitrary.
Table 33.1
Specifying Break Address Register
Bus Selection in
BBRB
BAB31 to BAB17
BAB16
BAB15 to BAB1
BAB0
L bus
LAB31 to LAB0
I bus
IAB31 to IAB0
X bus
XAB15 to XAB1
Don’t care
Don’t care
Don’t care
Y bus
Don’t care
Don’t care
YAB15 to YAB1
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com