Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1179 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1179 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1175Page - Renesas Technology Corp SH7721 Datasheet HTML 1176Page - Renesas Technology Corp SH7721 Datasheet HTML 1177Page - Renesas Technology Corp SH7721 Datasheet HTML 1178Page - Renesas Technology Corp SH7721 Datasheet HTML 1179Page - Renesas Technology Corp SH7721 Datasheet HTML 1180Page - Renesas Technology Corp SH7721 Datasheet HTML 1181Page - Renesas Technology Corp SH7721 Datasheet HTML 1182Page - Renesas Technology Corp SH7721 Datasheet HTML 1183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1179 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1117 of 1458
REJ09B0033-0300
33.2.5
Break Address Mask Register B (BAMRB)
BAMRB is a 32-bit readable/writable register. BAMRB specifies bits masked in the break address
specified by BARB.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAMB31 to
BAMB0
All 0
R/W
Break Address Mask B
Specifies bits masked in the break address of channel
B specified by BARB (BAB31 to BAB0).
0: Break address BABn of channel B is included in the
break condition
1: Break address BABn of channel B is masked and is
not included in the break condition
Note: n = 31 to 0
33.2.6
Break Data Register B (BDRB)
BDRB is a 32-bit readable/writable register. The control bits CDB1, CDB0, XYE, and XYS in the
break bus cycle register (BBRB) select one of the four data buses for break condition B.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDB31 to
BDB0
All 0
R/W
Break Data Bit B
Stores data which specifies a break condition in
channel B.
If the I bus is selected in BBRB, the break data on IDB
is set in BDB31 to BDB0.
If the L bus is selected in BBRB, the break data on LDB
is set in BDB31 to BDB0.
If the X memory is selected in BBRB, the break data in
bits 15 to 0 in XDB is set in BDB31 to BDB16. In this
case, the values in BDB15 to BDB0 are arbitrary.
If the Y memory is selected in BBRB, the break data in
bits 15 to 0 in YDB are set in BDB15 to BDB0. In this
case, the values in BDB31 to BDB16 are arbitrary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com