Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1184 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1184 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1180Page - Renesas Technology Corp SH7721 Datasheet HTML 1181Page - Renesas Technology Corp SH7721 Datasheet HTML 1182Page - Renesas Technology Corp SH7721 Datasheet HTML 1183Page - Renesas Technology Corp SH7721 Datasheet HTML 1184Page - Renesas Technology Corp SH7721 Datasheet HTML 1185Page - Renesas Technology Corp SH7721 Datasheet HTML 1186Page - Renesas Technology Corp SH7721 Datasheet HTML 1187Page - Renesas Technology Corp SH7721 Datasheet HTML 1188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1184 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1122 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
13
SCMFDA
0
R/W
I Bus Cycle Condition Match Flag A
When the I bus cycle condition in the break conditions
set for channel A is satisfied, this flag is set to 1 (not
cleared to 0). In order to clear this flag, write 0 into this
bit.
0: The I bus cycle condition for channel A does not
match
1: The I bus cycle condition for channel A matches
12
SCMFDB
0
R/W
I Bus Cycle Condition Match Flag B
When the I bus cycle condition in the break conditions
set for channel B is satisfied, this flag is set to 1. In
order to clear this flag, write 0 into this bit.
0: The I bus cycle condition for channel B does not
match
1: The I bus cycle condition for channel B matches
11
PCTE
0
R/W
PC Trace Enable
0: Disables PC trace
1: Enables PC trace
10
PCBA
0
R/W
PC Break Select A
Selects the break timing of the instruction fetch cycle
for channel A as before or after instruction execution.
0: PC break of channel A is set before instruction
execution
1: PC break of channel A is set after instruction
execution
9, 8
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
7
DBEB
0
R/W
Data Break Enable B
Selects whether or not the data bus condition is
included in the break condition of channel B.
0: No data bus condition is included in the condition of
channel B
1: The data bus condition is included in the condition
of channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com