Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1186 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1186 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1182Page - Renesas Technology Corp SH7721 Datasheet HTML 1183Page - Renesas Technology Corp SH7721 Datasheet HTML 1184Page - Renesas Technology Corp SH7721 Datasheet HTML 1185Page - Renesas Technology Corp SH7721 Datasheet HTML 1186Page - Renesas Technology Corp SH7721 Datasheet HTML 1187Page - Renesas Technology Corp SH7721 Datasheet HTML 1188Page - Renesas Technology Corp SH7721 Datasheet HTML 1189Page - Renesas Technology Corp SH7721 Datasheet HTML 1190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1186 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1124 of 1458
REJ09B0033-0300
33.2.10
Execution Times Break Register (BETR)
BETR is a 16-bit readable/writable register. When the execution-times break condition of channel
B is enabled, this register specifies the number of execution times to make the break. The
maximum number is 2
12 – 1 times. When a break condition is satisfied, it decreases BETR. A
break is issued when the break condition is satisfied after BETR becomes H'0001.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11 to 0
BET11 to
BET0
All 0
R/W
Number of Execution Times
33.2.11
Branch Source Register (BRSR)
BRSR is a 32-bit read-only register. BRSR stores bits 27 to 0 in the address of the branch source
instruction. BRSR has the flag bit that is set to 1 when a branch occurs. This flag bit is cleared to 0
when BRSR is read, the setting to enable PC trace is made, or BRSR is initialized by a power-on
reset. Other bits are not initialized by a power-on reset. The eight BRSR registers have a queue
structure and a stored register is shifted at every branch.
Bit
Bit Name
Initial
Value
R/W
Description
31
SVF
0
R
BRSR Valid Flag
Indicates whether the branch source address is
stored. When a branch source address is fetched, this
flag is set to 1. This flag is cleared to 0 by reading
from BRSR.
0: The value of BRSR register is invalid
1: The value of BRSR register is valid
30 to 28
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
27 to 0
BSA27 to
BSA0
R
Branch Source Address
Store bits 27 to 0 of the branch source address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com