Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1189 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1189 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1185Page - Renesas Technology Corp SH7721 Datasheet HTML 1186Page - Renesas Technology Corp SH7721 Datasheet HTML 1187Page - Renesas Technology Corp SH7721 Datasheet HTML 1188Page - Renesas Technology Corp SH7721 Datasheet HTML 1189Page - Renesas Technology Corp SH7721 Datasheet HTML 1190Page - Renesas Technology Corp SH7721 Datasheet HTML 1191Page - Renesas Technology Corp SH7721 Datasheet HTML 1192Page - Renesas Technology Corp SH7721 Datasheet HTML 1193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1189 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1127 of 1458
REJ09B0033-0300
33.3
Operation
33.3.1
Flow of the User Break Operation
The flow from setting of break conditions to user break exception processing is described below:
1. The break addresses and corresponding ASID are set in the break address registers (BARA or
BARB) and break ASID registers (BASRA or BASRB in CNN). The masked addresses are set
in the break address mask registers (BAMRA or BAMRB). The break data is set in the break
data register (BDRB). The masked data is set in the break data mask register (BDMRB). The
bus break conditions are set in the break bus cycle registers (BBRA or BBRB). Three groups
of BBRA or BBRB (L bus cycle/I bus cycle select, instruction fetch/data access select, and
read/write select) are each set. No user break will be generated if even one of these groups is
set with 00. The respective conditions are set in the bits of the break control register (BRCR).
Make sure to set all registers related to breaks before setting BBRA or BBRB.
2. When the break conditions are satisfied, the UBC sends a user break request to the CPU and
sets the L bus condition match flag (SCMFCA or SCMFCB) and the I bus condition match
flag (SCMFDA or SCMFDB) for the appropriate channel. When the X/Y memory bus is
specified for channel B, SCMFCB is used for the condition match flag.
3. The appropriate condition match flags (SCMFCA, SCMFDA, SCMFCB, and SCMFDB) can
be used to check if the set conditions match or not. The matching of the conditions sets flags,
but they are not reset. 0 must first be written to them before they can be used again.
4. There is a chance that the break set in channel A and the break set in channel B occur around
the same time. In this case, there will be only one break request to the CPU, but these two
break channel match flags could be both set.
5. When selecting the I bus as the break condition, note the following:
 Several bus masters, including the CPU and DMAC, are connected to the I bus. The UBC
monitors bus cycles generated by all bus masters, and determines the condition match.
 Physical addresses are used for the I bus. Set a physical address in break address registers
(BARA and BARB). The bus cycles for virtual addresses issued on the L bus by the CPU
are converted to physical addresses before being output to the I bus. (If the address
translation function is enabled, address translation by the MMU is carried out.)
 For data access cycles issued on the L bus by the CPU, if their virtual addresses are not to
be cached, they are issued with the data size specified on the L bus and their addresses are
not rounded.
 For instruction fetch cycles issued on the L bus by the CPU, even though their virtual
addresses are not to be cached, they are issued in longwords and their addresses are
rounded to match longword boundaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com