Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1192 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1192 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1188Page - Renesas Technology Corp SH7721 Datasheet HTML 1189Page - Renesas Technology Corp SH7721 Datasheet HTML 1190Page - Renesas Technology Corp SH7721 Datasheet HTML 1191Page - Renesas Technology Corp SH7721 Datasheet HTML 1192Page - Renesas Technology Corp SH7721 Datasheet HTML 1193Page - Renesas Technology Corp SH7721 Datasheet HTML 1194Page - Renesas Technology Corp SH7721 Datasheet HTML 1195Page - Renesas Technology Corp SH7721 Datasheet HTML 1196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1192 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1130 of 1458
REJ09B0033-0300
3. When the data value is included in the break conditions on channel B:
When the data value is included in the break conditions, either longword, word, or byte is
specified as the operand size of the break bus cycle register B (BBRB). When data values are
included in break conditions, a break is generated when the address conditions and data
conditions both match. To specify byte data for this case, set the same data in two bytes at bits
15 to 8 and bits 7 to 0 of the break data register B (BDRB) and break data mask register B
(BDMRB). When word or byte is set, bits 31 to 16 of BDRB and BDMRB are ignored. Set the
word data in bits 31 to 16 in BDRB and BDMRB when including the value of the data bus as a
break condition for the MOVS.W @-As,Ds, MOVS.W @As,Ds, MOVS.W @As+,Ds, or
MOVS.W @As+Ix,Ds instruction (bits 15 to 0 are ignored).
4. Access by a PREF instruction is handled as read access in longword units without access data.
Therefore, if including the value of the data bus when a PREF instruction is specified as a
break condition, a break will not occur.
5. If the L bus is selected, a break occurs on ending execution of the instruction that matches the
break condition, and immediately before the next instruction is executed. However, when data
is also specified as the break condition, the break may occur on ending execution of the
instruction following the instruction that matches the break condition. If the I bus is selected,
the instruction at which the break will occur cannot be determined. When this kind of break
occurs at a delayed branch instruction or its delay slot, the break may not actually take place
until the first instruction at the branch destination.
33.3.4
Break on X/Y-Memory Bus Cycle
1. The break condition on an X/Y-memory bus cycle is specified only in channel B. If the XYE
bit in BBRB is set to 1, the break address and break data on X/Y-memory bus are selected. At
this time, select the X-memory bus or Y-memory bus by specifying the XYS bit in BBRB. The
break condition cannot include both X-memory and Y-memory at the same time. The break
condition is applied to an X/Y-memory bus cycle by specifying L bus/data access/read or
write/word or no specified operand size in the break bus cycle register B (BBRB).
2. When an X-memory address is selected as the break condition, specify an X-memory address
in the upper 16 bits in BARB and BAMRB. When a Y-memory address is selected, specify a
Y-memory address in the lower 16 bits. Specification of X/Y-memory data is the same for
BDRB and BDMRB.
3. The timing of a data access break for the X memory or Y memory bus to occur is the same as a
data access break of the L bus. For details, see No.5 in section 33.3.3, Break on Data Access
Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com