Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1190 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1190 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1186Page - Renesas Technology Corp SH7721 Datasheet HTML 1187Page - Renesas Technology Corp SH7721 Datasheet HTML 1188Page - Renesas Technology Corp SH7721 Datasheet HTML 1189Page - Renesas Technology Corp SH7721 Datasheet HTML 1190Page - Renesas Technology Corp SH7721 Datasheet HTML 1191Page - Renesas Technology Corp SH7721 Datasheet HTML 1192Page - Renesas Technology Corp SH7721 Datasheet HTML 1193Page - Renesas Technology Corp SH7721 Datasheet HTML 1194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1190 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1128 of 1458
REJ09B0033-0300
 If a virtual address issued on the L bus by the CPU is an address to be cached and a cache
miss occurs, its bus cycle is issued as a cache fill cycle on the I bus. In this case, it is issued
in longwords and its address is rounded to match longword boundaries. However note that
cache fill is not performed for a write miss in write through mode. In this case, the bus
cycle is issued with the data size specified on the L bus and its address is not rounded. In
write back mode, a write back cycle may be issued in addition to a read fill cycle. It is a
longword bus cycle whose address is rounded to match longword boundaries.
 I bus cycles (including read fill cycles) resulting from instruction fetches on the L bus by
the CPU are defined as instruction fetch cycles on the I bus, while other bus cycles are
defined as data access cycles.
 The DMAC only issues data access cycles for I bus cycles.
 If a break condition is specified for the I bus, even when the condition matches in an I bus
cycle resulting from an instruction executed by the CPU, at which instruction the break is
to be accepted cannot be clearly defined.
6. While the block bit (BL) in the CPU status register (SR) is set to 1, no breaks can be accepted.
However, condition determination will be carried out, and if the condition matches, the
corresponding condition match flag is set to 1.
33.3.2
Break on Instruction Fetch Cycle
1. When L bus/instruction fetch/read/word or longword is set in the break bus cycle register
(BBRA or BBRB), the break condition becomes the L bus instruction fetch cycle. Whether it
breaks before or after the execution of the instruction can then be selected with the PCBA or
PCBB bit in the break control register (BRCR) for the appropriate channel. If an instruction
fetch cycle is set as a break condition, clear LSB in the break address register (BARA or
BARB) to 0. A break cannot be generated as long as this bit is set to 1.
2. An instruction set for a break before execution breaks when it is confirmed that the instruction
has been fetched and will be executed. This means this feature cannot be used on instructions
fetched by overrun (instructions fetched at a branch or during an interrupt transition, but not to
be executed). When this kind of break is set for the delay slot of a delayed branch instruction,
the break is generated prior to execution of the delayed branch instruction.
Note:
If a branch does not occur at a delay condition branch instruction, the subsequent
instruction is not recognized as a delay slot.
3. When the condition is specified to be occurred after execution, the instruction set with the
break condition is executed and then the break is generated prior to the execution of the next
instruction. As with pre-execution breaks, this cannot be used with overrun fetch instructions.
When this kind of break is set for a delayed branch instruction and its delay slot, a break is not
generated until the first instruction at the branch destination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com