Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1248 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1248 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1244Page - Renesas Technology Corp SH7721 Datasheet HTML 1245Page - Renesas Technology Corp SH7721 Datasheet HTML 1246Page - Renesas Technology Corp SH7721 Datasheet HTML 1247Page - Renesas Technology Corp SH7721 Datasheet HTML 1248Page - Renesas Technology Corp SH7721 Datasheet HTML 1249Page - Renesas Technology Corp SH7721 Datasheet HTML 1250Page - Renesas Technology Corp SH7721 Datasheet HTML 1251Page - Renesas Technology Corp SH7721 Datasheet HTML 1252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1248 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1186 of 1458
REJ09B0033-0300
35.4.2
Port D Data Register (PDDR)
PDDR is a register that stores data for pins PTD7 to PTD0. Bits PD7DT to PD0DT correspond to
pins PTD7 to PTD0. When the pin function is general output port, if the port is read, the value of
the corresponding PDDR bit is returned directly. When the function is general input port, if the
port is read, the corresponding pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7
PD7DT
0
R/W
6
PD6DT
0
R/W
5
PD5DT
0
R/W
4
PD4DT
0
R/W
3
PD3DT
0
R/W
2
PD2DT
0
R/W
1
PD1DT
0
R/W
0
PD0DT
0
R/W
Table 35.4 shows the function of PDDR.
Table 35.4
Port D Data Register (PDDR) Read/Write Operations
PDCR State
PDnMD1 PDnMD0 Pin State
Read
Write
0
Other function
PDDR value
Value is written to PDDR, but does not affect
pin state.
0
1
Output
PDDR value
Write value is output from pin.
0
Input (Pull-up
MOS on)
Pin state
Value is written to PDDR, but does not affect
pin state.
1
1
Input (Pull-up
MOS off)
Pin state
Value is written to PDDR, but does not affect
pin state.
Note:
n = 6 and 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com