Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1244 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1244 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1240Page - Renesas Technology Corp SH7721 Datasheet HTML 1241Page - Renesas Technology Corp SH7721 Datasheet HTML 1242Page - Renesas Technology Corp SH7721 Datasheet HTML 1243Page - Renesas Technology Corp SH7721 Datasheet HTML 1244Page - Renesas Technology Corp SH7721 Datasheet HTML 1245Page - Renesas Technology Corp SH7721 Datasheet HTML 1246Page - Renesas Technology Corp SH7721 Datasheet HTML 1247Page - Renesas Technology Corp SH7721 Datasheet HTML 1248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1244 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1182 of 1458
REJ09B0033-0300
35.2.2
Port B Data Register (PBDR)
PBDR is a register that stores data for pins PTB7 to PTB0. Bits PB7DT to PB0DT correspond to
pins PTB7 to PTB0. When the pin function is general output port, if the port is read, the value of
the corresponding PBDR bit is returned directly. When the function is general input port, if the
port is read, the corresponding pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7
PB7DT
0
R/W
6
PB6DT
0
R/W
5
PB5DT
0
R/W
4
PB4DT
0
R/W
3
PB3DT
0
R/W
2
PB2DT
0
R/W
1
PB1DT
0
R/W
0
PB0DT
0
R/W
Table 35.2 shows the function of PBDR.
Table 35.2
Port B Data Register (PBDR) Read/Write Operations
PBCR State
PBnMD1 PBnMD0 Pin State
Read
Write
0
Other function
PBDR value
Value is written to PBDR, but does not affect
pin state.
0
1
Output
PBDR value
Write value is output from pin.
0
Input (Pull-up
MOS on)
Pin state
Value is written to PBDR, but does not affect
pin state.
1
1
Input (Pull-up
MOS off)
Pin state
Value is written to PBDR, but does not affect
pin state.
Note:
n = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com