Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1242 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1242 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1238Page - Renesas Technology Corp SH7721 Datasheet HTML 1239Page - Renesas Technology Corp SH7721 Datasheet HTML 1240Page - Renesas Technology Corp SH7721 Datasheet HTML 1241Page - Renesas Technology Corp SH7721 Datasheet HTML 1242Page - Renesas Technology Corp SH7721 Datasheet HTML 1243Page - Renesas Technology Corp SH7721 Datasheet HTML 1244Page - Renesas Technology Corp SH7721 Datasheet HTML 1245Page - Renesas Technology Corp SH7721 Datasheet HTML 1246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1242 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1180 of 1458
REJ09B0033-0300
35.1.2
Port A Data Register (PADR)
PADR is a register that stores data for pins PTA7 to PTA0. Bits PA7DT to PA0DT correspond to
pins PTA7 to PTA0. When the pin function is general output port, if the port is read, the value of
the corresponding PADR bit is returned directly. When the function is general input port, if the
port is read, the corresponding pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7
PA7DT
0
R/W
6
PA6DT
0
R/W
5
PA5DT
0
R/W
4
PA4DT
0
R/W
3
PA3DT
0
R/W
2
PA2DT
0
R/W
1
PA1DT
0
R/W
0
PA0DT
0
R/W
Table 35.1 shows the function of PADR.
Table 35.1
Port A Data Register (PADR) Read/Write Operations
PACR State
PAnMD1 PAnMD0 Pin State
Read
Write
0
Other function
PADR value
Value is written to PADR, but does not affect
pin state.
0
1
Output
PADR value
Write value is output from pin.
0
Input (Pull-up
MOS on)
Pin state
Value is written to PADR, but does not affect
pin state.
1
1
Input (Pull-up
MOS off)
Pin state
Value is written to PADR, but does not affect
pin state.
Note:
n = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com