Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1239 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1239 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1235Page - Renesas Technology Corp SH7721 Datasheet HTML 1236Page - Renesas Technology Corp SH7721 Datasheet HTML 1237Page - Renesas Technology Corp SH7721 Datasheet HTML 1238Page - Renesas Technology Corp SH7721 Datasheet HTML 1239Page - Renesas Technology Corp SH7721 Datasheet HTML 1240Page - Renesas Technology Corp SH7721 Datasheet HTML 1241Page - Renesas Technology Corp SH7721 Datasheet HTML 1242Page - Renesas Technology Corp SH7721 Datasheet HTML 1243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1239 / 1524 page
background image
Section 34
Pin Function Controller (PFC)
Rev. 3.00 Jan. 18, 2008 Page 1177 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
10
9
PSELD10
PSELD9
0
0
R/W
R/W
SIOF1_MCLK/SD_DAT1/TPU_TI3B Select as PTU3
Other Functions
00: Select SIOF1_MCLK
01: Select TPU_TI3B
10: Reserved
11: Select according to PSELB0 setting
Reserved when PSELB0 = 0
Select SD_DAT1 when PSELB0 = 1
8
PSELD8
0
R/W
Pin SD_DAT1 Control when PSELD[10:9] = B'11
0: Pins are not controlled
1: Pins are controlled
SD_DAT1: Pulled up
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
5
PSELD6
PSELD5
0
0
R/W
R/W
SIOF1_SYNC/SD_DAT2 Select as PTU4 Other
Functions
00: Select SIOF1_SYNC
01: Reserved
10: Reserved
11: Select according to PSELB0 setting
Reserved when PSELB0 = 0
Select SD_DAT2 when PSELB0 = 1
4
PSELD4
0
R/W
Pin SD_DAT2 Control when PSELD[6:5] = B'11
0: Pins are not controlled
1: Pins are controlled
SD_DAT2: Pulled up
3
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com