Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1236 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1236 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1232Page - Renesas Technology Corp SH7721 Datasheet HTML 1233Page - Renesas Technology Corp SH7721 Datasheet HTML 1234Page - Renesas Technology Corp SH7721 Datasheet HTML 1235Page - Renesas Technology Corp SH7721 Datasheet HTML 1236Page - Renesas Technology Corp SH7721 Datasheet HTML 1237Page - Renesas Technology Corp SH7721 Datasheet HTML 1238Page - Renesas Technology Corp SH7721 Datasheet HTML 1239Page - Renesas Technology Corp SH7721 Datasheet HTML 1240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1236 / 1524 page
background image
Section 34
Pin Function Controller (PFC)
Rev. 3.00 Jan. 18, 2008 Page 1174 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
1
0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
0
PSELB0
0
R/W
SD Host Interface Select as PTU4 to PTU0 and PTV2 to
PTV0 Other Functions
0: Not select SD host interface
1: Select SD host interface
34.1.21
Pin Select Register C (PSELC)
PSELC is a 16-bit readable/writable register that selects the pin functions multiplexing two or
more other functions.
To use one of other functions in the pin multiplexing two or more other functions, the port control
register should be set as other functions after setting the corresponding bit in PSELC.
Bit
Bit Name
Initial
Value
R/W
Description
15
14
PSELC15
PSELC14
0
0
R/W
R/W
MMC_CLK/SIOF1_SCK/SD_CLK/TPU_TI2A Select
as PTU0 Other Functions
00: Select SIOF1_SCK
01: Select TPU_TI2A
10: Select MMC_CLK
11: Select according to PSELB0 setting
Reserved when PSELB0 = 0
Select SD_CLK when PSELB0 = 1
13
12
PSELC13
PSELC12
0
0
R/W
R/W
MMC_CMD/SIOF1_RxD/SD_CMD/TPU_TI2B Select
as PTU1 Other Functions
00: Select SIOF1_RxD
01: Select TPU_TI2B
10: Select MMC_CMD
11: Select according to PSELB0 setting
Reserved when PSELB0 = 0
Select SD_CMD when PSELB0 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com