Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1238 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1238 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1234Page - Renesas Technology Corp SH7721 Datasheet HTML 1235Page - Renesas Technology Corp SH7721 Datasheet HTML 1236Page - Renesas Technology Corp SH7721 Datasheet HTML 1237Page - Renesas Technology Corp SH7721 Datasheet HTML 1238Page - Renesas Technology Corp SH7721 Datasheet HTML 1239Page - Renesas Technology Corp SH7721 Datasheet HTML 1240Page - Renesas Technology Corp SH7721 Datasheet HTML 1241Page - Renesas Technology Corp SH7721 Datasheet HTML 1242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1238 / 1524 page
background image
Section 34
Pin Function Controller (PFC)
Rev. 3.00 Jan. 18, 2008 Page 1176 of 1458
REJ09B0033-0300
34.1.22
Pin Select Register D (PSELD)
PSELD is a 16-bit readable/writable register that selects the pin functions multiplexing two or
more other functions.
To use one of other functions in the pin multiplexing two or more other functions, the port control
register should be set as other functions after setting the corresponding bit in PSELD.
Bit
Bit Name
Initial
Value
R/W
Description
15
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
14
13
PSELD14
PSELD13
0
0
R/W
R/W
MMC_DAT/SIOF1_TxD/SD_DAT0/TPU_TI3A Select
as PTU2 Other Functions
00: Select SIOF1_TxD
01: Select TPU_TI3A
10: Select MMC_DAT
11: Select according to PSELB0 setting
Reserved when PSELB0 = 0
Select SD_DAT0 when PSELB0 = 1
12
PSELD12
0
R/W
Pin SD_DAT0 Control when PSELD[14:13] = B'11
0: Pins are not controlled
1: Pins are controlled
SD_DAT0: Pulled up
11
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com