Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1268 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1268 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1264Page - Renesas Technology Corp SH7721 Datasheet HTML 1265Page - Renesas Technology Corp SH7721 Datasheet HTML 1266Page - Renesas Technology Corp SH7721 Datasheet HTML 1267Page - Renesas Technology Corp SH7721 Datasheet HTML 1268Page - Renesas Technology Corp SH7721 Datasheet HTML 1269Page - Renesas Technology Corp SH7721 Datasheet HTML 1270Page - Renesas Technology Corp SH7721 Datasheet HTML 1271Page - Renesas Technology Corp SH7721 Datasheet HTML 1272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1268 / 1524 page
background image
Section 35
I/O Ports
Rev. 3.00 Jan. 18, 2008 Page 1206 of 1458
REJ09B0033-0300
35.13.2
Port P Data Register (PPDR)
PPDR is a register that stores data for pins PTP4 to PTP0. Bits PP4DT to PP0DT correspond to
pins PTP4 to PTP0. When the pin function is general output port, if the port is read, the value of
the corresponding PPDR bit is returned directly. When the function is general input port, if the
port is read, the corresponding pin level is read.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4
PP4DT
0
R/W
3
PP3DT
0
R/W
2
PP2DT
0
R/W
1
PP1DT
0
R/W
0
PP0DT
0
R/W
Table 35.13 shows the function of PPDR.
Table 35.13 Port P Data Register (PPDR) Read/Write Operations
PPCR State
PPnMD1 PPnMD0 Pin State
Read
Write
0
Other function
PPDR value
Value is written to PPDR, but does not affect
pin state.
0
1
Output
PPDR value
Write value is output from pin.
0
Input (Pull-up
MOS on)
Pin state
Value is written to PPDR, but does not affect
pin state.
1
1
Input (Pull-up
MOS off)
Pin state
Value is written to PPDR, but does not affect
pin state.
Note:
n = 0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com